データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F39-TGR-CVL-B-2-R データシート(PDF) 57 Page - Omron Electronics LLC

部品番号 F39-TGR-CVL-B-2-R
部品情報  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R データシート(HTML) 57 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 53Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 54Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 55Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 56Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 57Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 58Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 59Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 60Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
39
SECTION 12
Muting
!WARNING The muting and override functions disable the safety functions of the device.
You must ensure safety using other method when these functions are operat-
ing.
!WARNING Install muting sensors so that they can distinguish between the object that is
being allowed to pass through the detection zone and a person. If the muting
function is activated by the detection of a person, it may result in serious
injury.
!WARNING Muting lamps (external indicators) that indicate the state of the muting and
override functions must be installed where they are clearly visible to workers
from all the operating positions.
!WARNING Muting related time must be properly configured for its application by a suffi-
ciently trained and qualified person, and the person must have responsibility
for settings, especially when setting the muting time limit to infinite.
!WARNING Use independent 2 input devices for muting inputs.
!WARNING You must install MS4800 system muting sensor, and physical barrier, and con-
figure time settings for muting so that an operator should not enter hazardous
zone.
!WARNING Install the switch that activates the override in a location that provides a clear
view of the entire hazardous area and where it cannot be activated from within
the hazardous area. Make sure that nobody is in the hazardous area before
activating the override function.
12-1 Muting Controller RM-6
Muting with the MS4800 system is available together with the Muting Control-
ler RM-6.
The MS4800 and an RM-6 offer a limited set of muting functions. The follow-
ing list describes the muting functions that can be achieved with the MS4800:
• 2 Sensor muting
• 50 ms sensor input filtering
• Mute Bypass configurable: Enable/Disable
• Mute timeout configurable: 2 minutes/No timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98