| データシートサーチシステム |
|
F39-TGR-CVL-B-2-R データシート(PDF) 48 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-2-R データシート(HTML) 48 Page - Omron Electronics LLC |
|
48 / 98 page ![]() 30 Cross Talk Mitigation Section 10-2 This example shows the minimum distance from the reflective surface, d, to one side of the beam center line 10-2 Cross Talk Mitigation To mitigate interference from other light curtains, the MS4800 system has two possible scan codes, A and B. The transmitter and receiver units must be set to the same scan code for the receiver to enter the MACHINE RUN state. 0 0,2 0,4 0,6 0,8 1 1,2 1,4 1,6 1,8 2 0,1 0,2 0,5 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Range [m] Scan Code A Scan Code B |