| データシートサーチシステム |
|
F39-TGR-CVL-B-2-R データシート(PDF) 95 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-2-R データシート(HTML) 95 Page - Omron Electronics LLC |
|
95 / 98 page ![]() 77 SECTION 18 Appendix 18-1 Appendix A Checkout procedure log The following checkout procedure must be performed by qualified personnel during initial MS4800 system installation and at least every three months or more frequently depending on machine usage and company guidelines. Machine identification____________________________ Date____________ Technician Signature ___________________________________________ Item Condition Comments Verify that the guarded machine is compatible with the type of machine which may be used with the MS4800 system. See the chapter - "Precautions on Safety" for further information. @ Pass @ Fail Verify that the mounting distance of the MS4800 sys- tem is equal to or greater than the minimum safe dis- tance from the danger point. See the chapter "Safe mounting distance" for further information. @ Pass @ Fail Determine that all access to the danger point not pro- tected by the MS4800 system is guarded by other means, such as gates, fencing or other approved methods. Verify that all additional guarding devices are installed and operating properly. @ Pass @ Fail Make sure the operator is not able to stand between the MS4800 system detection zone and the machine danger point. Verify that the light curtain can only be reset from a position outside and within view of the hazardous machine area. @ Pass @ Fail Inspect the electrical connections between the guarded machine's control system and the MS4800 system. Verify that they are properly connected to the machine such that a stop signal from the MS4800 system results in an immediate halt of the machine's cycle. See the chapter "Connecting to the machine control circuit" for further information. @ Pass @ Fail If the EDM monitoring feature is not used, proceed to the next step. To test the EDM feature, verify that the feature has been enabled. Turn the machine power on. Cycle the machine. Place a temporary jumper wire between the EDM connections. The MS4800 should enter an alarm condition. Remove the tempo- rary jumper. Press and release the start button. @ Pass @ Fail Record the test results in the machine log, then per- form the test procedure. @ Pass @ Fail |