| データシートサーチシステム |
|
F39-TGR-CVL-B-2-R データシート(PDF) 83 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-2-R データシート(HTML) 83 Page - Omron Electronics LLC |
|
83 / 98 page ![]() 65 List of models Section 15-8 Advanced version, 30 mm resolution, Cascadable, Master unit Type Name Version Resolution [mm] Length [mm] Operation MS4800FS-EA-030-0280 Advanced 30 mm 280 Master MS4800FS-EA-030-0320 Advanced 30 mm 320 Master MS4800FS-EA-030-0360 Advanced 30 mm 360 Master MS4800FS-EA-030-0400 Advanced 30 mm 400 Master MS4800FS-EA-030-0440 Advanced 30 mm 440 Master MS4800FS-EA-030-0480 Advanced 30 mm 480 Master MS4800FS-EA-030-0520 Advanced 30 mm 520 Master MS4800FS-EA-030-0560 Advanced 30 mm 560 Master MS4800FS-EA-030-0600 Advanced 30 mm 600 Master MS4800FS-EA-030-0640 Advanced 30 mm 640 Master MS4800FS-EA-030-0680 Advanced 30 mm 680 Master MS4800FS-EA-030-0720 Advanced 30 mm 720 Master MS4800FS-EA-030-0760 Advanced 30 mm 760 Master MS4800FS-EA-030-0800 Advanced 30 mm 800 Master MS4800FS-EA-030-0840 Advanced 30 mm 840 Master MS4800FS-EA-030-0880 Advanced 30 mm 880 Master MS4800FS-EA-030-0920 Advanced 30 mm 920 Master MS4800FS-EA-030-0960 Advanced 30 mm 960 Master MS4800FS-EA-030-1000 Advanced 30 mm 1000 Master MS4800FS-EA-030-1040 Advanced 30 mm 1040 Master MS4800FS-EA-030-1080 Advanced 30 mm 1080 Master MS4800FS-EA-030-1120 Advanced 30 mm 1120 Master MS4800FS-EA-030-1160 Advanced 30 mm 1160 Master MS4800FS-EA-030-1200 Advanced 30 mm 1200 Master MS4800FS-EA-030-1240 Advanced 30 mm 1240 Master MS4800FS-EA-030-1280 Advanced 30 mm 1280 Master MS4800FS-EA-030-1320 Advanced 30 mm 1320 Master MS4800FS-EA-030-1360 Advanced 30 mm 1360 Master MS4800FS-EA-030-1400 Advanced 30 mm 1400 Master MS4800FS-EA-030-1440 Advanced 30 mm 1440 Master MS4800FS-EA-030-1480 Advanced 30 mm 1480 Master MS4800FS-EA-030-1520 Advanced 30 mm 1520 Master MS4800FS-EA-030-1560 Advanced 30 mm 1560 Master MS4800FS-EA-030-1600 Advanced 30 mm 1600 Master MS4800FS-EA-030-1640 Advanced 30 mm 1640 Master MS4800FS-EA-030-1680 Advanced 30 mm 1680 Master MS4800FS-EA-030-1720 Advanced 30 mm 1720 Master MS4800FS-EA-030-1760 Advanced 30 mm 1760 Master MS4800FS-EA-030-1800 Advanced 30 mm 1800 Master MS4800FS-EA-030-1840 Advanced 30 mm 1840 Master MS4800FS-EA-030-1880 Advanced 30 mm 1880 Master MS4800FS-EA-030-1920 Advanced 30 mm 1920 Master MS4800FS-EA-030-1960 Advanced 30 mm 1960 Master MS4800FS-EA-030-2000 Advanced 30 mm 2000 Master MS4800FS-EA-030-2040 Advanced 30 mm 2040 Master MS4800FS-EA-030-2080 Advanced 30 mm 2080 Master MS4800FS-EA-030-2120 Advanced 30 mm 2120 Master |