| データシートサーチシステム |
|
LSM6DSO32 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 153 page ![]() Digital interfaces LSM6DSO32 44/153 DocID032891 Rev 1 5.4 Master I²C interface If the LSM6DSO32 is configured in Mode 2, a master I²C line is available. The master serial interface is mapped in the following dedicated pins. Table 17. Master I²C pin details Pin name Pin description MSCL I²C serial clock master MSDA I²C serial data master MDRDY I²C master external synchronization signal |