| データシートサーチシステム |
|
LSM6DSO32 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 153 page ![]() DocID032891 Rev 1 23/153 LSM6DSO32 Pin description 153 3.1 Pin connections The LSM6DSO32 offers flexibility to connect the pins in order to have two different mode connections and functionalities. In detail: Mode 1: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is available; Mode 2: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface and I²C interface master for external sensor connections are available. Figure 4. LSM6DSO32 connection modes In the following table each mode is described for the pin connections and function. |