| データシートサーチシステム |
|
LSM6DSO32 データシート(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 データシート(HTML) 90 Page - STMicroelectronics |
|
90 / 153 page ![]() Register description LSM6DSO32 90/153 DocID032891 Rev 1 9.48 FREE_FALL (5Dh) Free-fall function duration setting register (r/w) Table 131. FREE_FALL register FF_DUR4 FF_DUR3 FF_DUR2 FF_DUR1 FF_DUR0 FF_THS2 FF_THS1 FF_THS0 Table 132. FREE_FALL register description FF_DUR[4:0] Free-fall duration event. Default: 0 For the complete configuration of the free fall duration, refer to FF_DUR5 in WAKE_UP_DUR (5Ch) configuration FF_THS[2:0] Free fall threshold setting. Default: 000 For details refer to Table 133. Table 133. Threshold for free-fall function FF_THS[2:0] Threshold value 000 312 mg 001 438 mg 010 500 mg 011 Reserved 100 Reserved 101 Reserved 110 Reserved 111 Reserved |