| データシートサーチシステム |
|
LSM6DSO32 データシート(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 データシート(HTML) 104 Page - STMicroelectronics |
|
104 / 153 page ![]() Embedded functions register description LSM6DSO32 104/153 DocID032891 Rev 1 11.9 EMB_FUNC_INT2 (0Eh) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 175. EMB_FUNC_INT2 register description Table 174. EMB_FUNC_INT2 register INT2_ FSM_LC 0(1) 1. This bit must be set to '0' for the correct operation of the device. INT2_SIG _MOT INT2_TILT INT2_ STEP_ DETECTOR 0(1) 0(1) 0(1) INT2_FSM_LC(1) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. Routing of FSM long counter timeout interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_SIG_MOT(1) Routing of significant motion event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_TILT(1) Routing of tilt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_STEP_ DETECTOR(1) Routing of pedometer step recognition event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) |