| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 75 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 75 Page - Analog Devices |
|
75 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 75 of 128 Bits Bit Name Description Reset Access 6 VOUT6_WARN_LATCH Latch the Warning Event on Regulator 6. 0x0 R 0: no warning occurred on Regulator 6. 1: warning occurred on Regulator 6. 5 VOUT5_WARN_LATCH Latch the Warning Event on Regulator 5. 0x0 R 0: no warning occurred on Regulator 5. 1: warning occurred on Regulator 5. 4 VOUT4_WARN_LATCH Latch the Warning Event on Regulator 4. 0x0 R 0: no warning occurred on Regulator 4. 1: warning occurred on Regulator 4. 3 VOUT3_WARN_LATCH Latch the Warning Event on Regulator 3. 0x0 R 0: no warning occurred on Regulator 3. 1: warning occurred on Regulator 3. 2 VOUT2_WARN_LATCH Latch the Warning Event on Regulator 2. 0x0 R 0: no warning occurred on Regulator 2. 1: warning occurred on Regulator 2. 1 VOUT1_WARN_LATCH Latch the Warning Event on Regulator 1. 0x0 R 0: no warning occurred on Regulator 1. 1: warning occurred on Regulator 1. 0 VOUT12_WARN_LATCH Latch the Warning Event on Regulator 12. 0x0 R 0: no warning occurred on Regulator 12. 1: warning occurred on Regulator 12. 1 Write 1 to clear. Table 54. OT_LATCH1, Register Address: 0x2028 Bits Bit Name Description Reset Access [31:12] RESERVED Reserved. 0x0 R 11 VOUT12_OT_LATCH Latch the Overtemperature Event on Regulator 12. 0x0 R 0: no overtemperature occurred on Regulator 12. 1: overtemperature occurred on Regulator 12. 10 VOUT4_OT_LATCH Latch the Overtemperature Event on Regulator 4. 0x0 R 0: no overtemperature occurred on Regulator 4. 1: overtemperature occurred on Regulator 4. 9 VOUT3_OT_LATCH Latch the Overtemperature Event on Regulator 3. 0x0 R 0: no overtemperature occurred on Regulator 3. 1: overtemperature occurred on Regulator 3. 8 VOUT2_OT_LATCH Latch the Overtemperature Event on Regulator 2. 0x0 R 0: no overtemperature occurred on Regulator 2. 1: overtemperature occurred on Regulator 2. 7 VOUT1_OT_LATCH Latch the Overtemperature Event on Regulator 1. 0x0 R 0: no overtemperature occurred on Regulator 1. 1: overtemperature occurred on Regulator 1. |