| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 78 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 78 Page - Analog Devices |
|
78 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 78 of 128 Bits Bit Name Description Reset Access 3 SPI_CRC_FAIL_LATCH Latch the SPI CRC Error Event. 0x0 R 0: no CRC fail occurred on the SPI. 1: CRC fail occurred on the SPI. 2 QA_WD_FAIL_LATCH Latch QA Watchdog Fail. 0x0 R 0: no QA watchdog fail occurred. 1: QA watchdog fail occurred. 1 WD1_FAIL_LATCH Latch WD1 Fail. 0x0 R 0: no WD1 fail occurred. 1: WD1 fail occurred. 0 WD0_FAIL_LATCH Latch WD0 Fail. 0x0 R 0: no WD0 fail occurred. 1: WD0 fail occurred. 1 Write 1 to clear. Table 56. OTHER1_LATCH1, Register Address: 0x2030 Bits Bit Name Description Reset Access [31:19] RESERVED Reserved. 0x0 R 18 FB8_RECAP_SHORT_LATCH Latch the FB8 and RECAP Short Event. 0x0 R 0: no FB8 and RECAP short occurred. 1: FB8 and RECAP short occurred. 17 VREG_GOOD_LATCH VREG Good Latch. 0x0 R 0: no VREG good event occurred. 1: VREG good event occurred. 16 PIN_OPEN_FAULT_LDO7_LATCH LDO7 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. 15 PIN_OPEN_FAULT_LDO6_LATCH LDO6 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. 14 PIN_OPEN_FAULT_LDO5_LATCH LDO5 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. 13 PIN_OPEN_FAULT_LDO4_LATCH LDO4 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. 12 PIN_OPEN_FAULT_LDO3_LATCH LDO3 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. 11 PIN_OPEN_FAULT_LDO2_LATCH LDO2 Pin Open Fault Latch. 0x0 R 0: no open fault occurred. 1: open fault occurred. |