| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 100 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 100 Page - Analog Devices |
|
100 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 100 of 128 Table 73. OTHER_INT_MASK, Register Address: 0x2074 Bits Bit Name Description Reset Access [31:29] RESERVED Reserved. 0x0 R 28 WDI1_EXT_INT_MASK Mask the WDI1_EXT_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 27 WDI0_EXT_INT_MASK Mask the WDI0_EXT_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 26 VSET1_DETECTION_INT_MASK Mask the VSET1_DETECTION_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 25 MODE_DETECTION_INT_MASK Mask the MODE_DETECTION_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 24 SYNC_FAIL_INT_MASK Mask the SYNC_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 23 WDI1_PULSE_FAIL_INT_MASK Mask the WDI1_PULSE_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 22 WDI0_PULSE_FAIL_INT_MASK Mask the WDI0_PULSE_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 21 CLKM_FAIL_INT_MASK Mask the CLKM_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 20 SHR_CRC_FAIL_INT_MASK Mask the SHR_CRC_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 19 SHR_ECC_FAIL_INT_MASK Mask the SHR_ECC_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 18 STATUS_EXT_FAIL_INT_MASK Mask the STATUS_EXT_FAIL_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 17 FAULT_EXT_FAIL_INT_MASK Mask the FAULT_EXT_FAIL_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 16 RESET_EXT_FAIL_INT_MASK Mask the RESET_EXT_FAIL_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. [15:9] RESERVED Reserved. 0x0 R |