| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 98 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 98 Page - Analog Devices |
|
98 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 98 of 128 Bits Bit Name Description Reset Access 12 VM0_WARN_INT_MASK Mask the VM0_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 11 VOUT11_WARN_INT_MASK Mask the VOUT11_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 10 VOUT10_WARN_INT_MASK Mask the VOUT10_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 9 VOUT9_WARN_INT_MASK Mask the VOUT9_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 8 VOUT8_WARN_INT_MASK Mask the VOUT8_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 7 VOUT7_WARN_INT_MASK Mask the VOUT7_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 6 VOUT6_WARN_INT_MASK Mask the VOUT6_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 5 VOUT5_WARN_INT_MASK Mask the VOUT5_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 4 VOUT4_WARN_INT_MASK Mask the VOUT4_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 3 VOUT3_WARN_INT_MASK Mask the VOUT3_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 2 VOUT2_WARN_INT_MASK Mask the VOUT2_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 1 VOUT1_WARN_INT_MASK Mask the VOUT1_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 1: not mask. 0: mask. 0 VOUT12_WARN_INT_MASK Mask the VOUT12_WARN_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. |