| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 93 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 93 Page - Analog Devices |
|
93 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 93 of 128 Bits Bit Name Description Reset Access 19 SHR_ECC_FAIL_FAULT_MASK Mask the SHR_ECC_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 18 STATUS_EXT_FAIL_FAULT_MASK Mask the STATUS_EXT_FAIL_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 17 FAULT_EXT_FAIL_FAULT_MASK Mask the FAULT_EXT_FAIL_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 16 RESET_EXT_FAIL_FAULT_MASK Mask the RESET_EXT_FAIL_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. [15:9] RESERVED Reserved. 0x0 R 8 SPI_FMT_ERR_FAULT_MASK Mask the SPI_FMT_ERR_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 7 SPI_RDD_ERR_FAULT_MASK Mask the SPI_RDD_ERR_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 6 SPI_CLK_ERR_FAULT_MASK Mask the SPI_CLK_ERR_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 5 SPI_ACCESS_FAIL_FAULT_MASK Mask the SPI_ACCESS_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 4 SPI_ADDR_FAIL_FAULT_MASK Mask the SPI_ADDR_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 3 SPI_CRC_FAIL_FAULT_MASK Mask the SPI_CRC_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1:not mask. 2 QA_WD_FAIL_FAULT_MASK Mask the QA_WD_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 1 WD1_FAIL_FAULT_MASK Mask the WD1_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 0 WD0_FAIL_FAULT_MASK Mask the WD0_FAIL_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. |