| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 89 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 89 Page - Analog Devices |
|
89 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 89 of 128 Table 64. OV_FAULT_MASK, Register Address: 0x2050 Bits Bit Name Description Reset Access [31:14] RESERVED Reserved. 0x0 R 13 VM1_OV_FAULT_MASK Mask the VM1_OV_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 12 VM0_OV_FAULT_MASK Mask the VM0_OV_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 11 VOUT11_OV_FAULT_MASK Mask the VOUT11_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 10 VOUT10_OV_FAULT_MASK Mask the VOUT10_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 9 VOUT9_OV_FAULT_MASK Mask the VOUT9_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 8 VOUT8_OV_FAULT_MASK Mask the VOUT8_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 7 VOUT7_OV_FAULT_MASK Mask the VOUT7_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 6 VOUT6_OV_FAULT_MASK Mask the VOUT6_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 5 VOUT5_OV_FAULT_MASK Mask the VOUT5_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 4 VOUT4_OV_FAULT_MASK Mask the VOUT4_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 3 VOUT3_OV_FAULT_MASK Mask the VOUT3_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 2 VOUT2_OV_FAULT_MASK Mask the VOUT2_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 1 VOUT1_OV_FAULT_MASK Mask the VOUT1_OV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. |