| データシートサーチシステム |
|
ADP5140WACCZ-R7 データシート(PDF) 102 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 データシート(HTML) 102 Page - Analog Devices |
|
102 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 102 of 128 Bits Bit Name Description Reset Access 15 PIN_OPEN_FAULT_LDO6_INT_MASK Mask the PIN_OPEN_FAULT_LDO6_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 14 PIN_OPEN_FAULT_LDO5_INT_MASK Mask the PIN_OPEN_FAULT_LDO5_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 13 PIN_OPEN_FAULT_LDO4_INT_MASK Mask the PIN_OPEN_FAULT_LDO4_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 12 PIN_OPEN_FAULT_LDO3_INT_MASK Mask the PIN_OPEN_FAULT_LDO3_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 11 PIN_OPEN_FAULT_LDO2_INT_MASK Mask the PIN_OPEN_FAULT_LDO2_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 10 PIN_OPEN_FAULT_LDO1_INT_MASK Mask the PIN_OPEN_FAULT_LDO1_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 9 PIN_OPEN_FAULT_BOOST_INT_MASK Mask the PIN_OPEN_FAULT_BOOST_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 8 WAKE_FALLING_EVT_INT_MASK Mask the WAKE_FALLING_EVT_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 7 SYS_REG_CRC_ERR_INT_MASK Mask the SYS_REG_CRC_ERR_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 6 TSD_INT_MASK Mask the TSD_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 5 LDO5_INPUT_OVLO_INT_MASK Mask the LDO5_INPUT_OVLO_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 4 LDO3_INPUT_OVLO_INT_MASK Mask the LDO3_INPUT_OVLO_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 3 LDO1_INPUT_OVLO_INT_MASK Mask the LDO1_INPUT_OVLO_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. |