データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1768IGN データシート(PDF) 8 Page - Linear Technology

部品番号 LT1768IGN
部品情報  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1768IGN データシート(HTML) 8 Page - Linear Technology

Back Button LT1768IGN Datasheet HTML 4Page - Linear Technology LT1768IGN Datasheet HTML 5Page - Linear Technology LT1768IGN Datasheet HTML 6Page - Linear Technology LT1768IGN Datasheet HTML 7Page - Linear Technology LT1768IGN Datasheet HTML 8Page - Linear Technology LT1768IGN Datasheet HTML 9Page - Linear Technology LT1768IGN Datasheet HTML 10Page - Linear Technology LT1768IGN Datasheet HTML 11Page - Linear Technology LT1768IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1768
8
PIN FUNCTIONS
RMAX (Pin 10): The RMAX pin outputs a regulated voltage
of 1.25V that is to be loaded with an external resistor. The
current through the external resistor sets the maximum
lamp current. Maximum lamp current in a dual lamp
application will be approximately equal to 100 times IRMAX
when the voltage on the PROG pin is greater than 4V. The
value of RRMAX must be greater than 5K and less than
[RRMIN • 2.5 • (VPWM–1/3)] for proper PWM operation.
RMIN (Pin 11): The RMIN pin outputs a regulated voltage of
1.26V that is to be loaded with an external resistor. The
current through the external resistor sets the minimum
lamp current. Minimum lamp current in a dual lamp
application will be approximately 10 times the value of
IRMIN when the voltage on the PROG pin is between 0.5V
and 1V. To set the minimum current to zero (IRMIN = 0µA)
for maximum dimming range, connect the RMIN pin to the
VREG pin. The value of RRMIN (RRMIN = ∞ when RMIN is
connected to VREG) must be greater than the value of
RRMAX/[0.4 • (VPWM–1)/3] for proper PWM operation.
SHDN (Pin 12): The SHDN pin controls the operation of
the LT1768. Pulling the SHDN pin above 1.26V or leaving
the pin open will result in normal operation of the LT1768.
Pulling the SHDN pin below 1V causes a complete shut-
down of the LT1768 which results in a typical quiescent
current of 65
µA. The SHDN pin has an internal 7µA pull-up
source to VIN and 200mV of voltage hysteresis.
FAULT (Pin 13): The FAULT pin is an open collector output
with a sink capability of 1mA that is activated when lamp
current falls below 125
µA in either DIO1 or DIO2 for at least
1 full PWM cycle.
VREF (Pin 14): The VREF pin is a regulated 5V output that is
derived from the VIN pin. The regulated voltage provides up
to 10mA of current to power external circuitry. During
undervoltage lockout, shutdown mode or thermal
shutdown, drive to the VREF pin will be disabled.
VIN (Pin 15): The VIN pin is the voltage supply pin for the
LT1768. For normal operation, the VIN pin must be above an
undervoltage lockout of 7.9V and below a maximum of 24V.
GATE (Pin 16): The GATE pin is the output of a NPN high
current output stage used to drive the gate of an external
MOSFET. It has a dynamic source and sink capability of
1.5A. During normal operation, the GATE pin is driven high
at the beginning of each oscillator period and then low
when the appropriate current in the switch is reached. The
GATE pin has a minimum on time of 125ns and a maximum
duty cycle of 93% at a frequency of 350kHz. For input
voltages less than 13V the gate will be driven to within 2V
of VIN. For input voltages greater than 13V the gate pin high
level will be clamped at a typical voltage of 12.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20