データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1768IGN データシート(PDF) 9 Page - Linear Technology

部品番号 LT1768IGN
部品情報  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1768IGN データシート(HTML) 9 Page - Linear Technology

Back Button LT1768IGN Datasheet HTML 5Page - Linear Technology LT1768IGN Datasheet HTML 6Page - Linear Technology LT1768IGN Datasheet HTML 7Page - Linear Technology LT1768IGN Datasheet HTML 8Page - Linear Technology LT1768IGN Datasheet HTML 9Page - Linear Technology LT1768IGN Datasheet HTML 10Page - Linear Technology LT1768IGN Datasheet HTML 11Page - Linear Technology LT1768IGN Datasheet HTML 12Page - Linear Technology LT1768IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1768
9
BLOCK DIAGRA
Figure 2. LT1768 Block Diagram
INTRODUCTION
The current trend in desktop monitor design is to migrate
the LCD (liquid crystal display) technology used in laptops
and instruments to the popular desktop display sizes. As
LCD size increases uniform backlighting requires mul-
tiple high power lamps. In addition, the lamps must have
a dimming range and lifetime expectancy comparable to
previous generations of desktop displays. Cold cathode
fluorescent lamps (CCFLs) provide the highest available
efficiency for backlighting LCD displays. The CCFL re-
quires a high voltage supply for operation. Typically, over
1000 volts is required to initiate CCFL operation, with
sustaining voltages from 200V to 800V. A CCFL can
operate from DC, but migration effects damage the CCFL
and shorten its lifetime. To achieve maximum life CCFL
drive should be sinusoidal, contain zero DC component,
and not exceed the CCFL manufacturers minimum and
maximum operating current ratings. Low crest factor
APPLICATIONS INFORMATION
sinusoidal CCFL drive also maximizes current to light
conversion, reduces display flicker, and minimizes EMI
and RF emissions. The LT1768 high power CCFL control-
ler, with its Multimode Dimming, provides the necessary
lamp drive to enable a wide dimming range while main-
taining lamp lifetime in multiple lamp CCFL applications.
BASIC OPERATION
Referring to the circuit in Figure 1, CCFL current is con-
trolled by a DC voltage on the PROG pin of the LT1768. The
DC voltage on the PROG pin feeds the LT1768’s Multimode
Dimming block and is converted to source current into the
VC pin. As the VC pin voltage rises, the LT1768’s GATE pin
is pulse width modulated at 350kHz. The GATE pulse width
is determined on a cycle by cycle basis by the voltage on
the SENSE pin (L1’s current multiplied by SENSE resistor
R5) exceeding a predetermined voltage set by the VC pin.
IRMAX
IRMIN
0
1V 4V
1.25V
1.26V
SLOPE
OSC
1V
VPWM
PWM
VC
VREF
RMIN
RMAX
VIN
CT
FAULT
SHDN
PROG
AGND
DI01
DIO2
GATE
SENSE
PGND
12
14
15
10
11
9
8
7
6
5
3
2
16
13
4
1
CONTROL
MODE
IVC
VCCLAMP
FAULT
MULTI-MODE
DIMMING BLOCK
PWM PERIOD
UNDERVOLTAGE
LOCKOUT
THERMAL
SHUTDOWN
VREF
(IDIO1 + IDIO2)
GAIN
IVC
IDIO2 < 125µA
IDIO1 < 125µA
SW
BLANK
VIN
GATE
S
Q
R
1768 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20