データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1768IGN データシート(PDF) 15 Page - Linear Technology

部品番号 LT1768IGN
部品情報  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1768IGN データシート(HTML) 15 Page - Linear Technology

Back Button LT1768IGN Datasheet HTML 11Page - Linear Technology LT1768IGN Datasheet HTML 12Page - Linear Technology LT1768IGN Datasheet HTML 13Page - Linear Technology LT1768IGN Datasheet HTML 14Page - Linear Technology LT1768IGN Datasheet HTML 15Page - Linear Technology LT1768IGN Datasheet HTML 16Page - Linear Technology LT1768IGN Datasheet HTML 17Page - Linear Technology LT1768IGN Datasheet HTML 18Page - Linear Technology LT1768IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1768
15
APPLICATIONS INFORMATION
together with minimum trace between them. If space
constraints prohibit the transformer T1 placement next to
C1, local bypassing (C2) for the center tap of transformer
T1 should be used.
Special attention is also required for the layout of the high
voltage section to avoid any unpleasant surprises. Please
refer to the references for an extensive discussion on high
voltage layout techniques.
Applications Support
Linear Technology invests an enormous amount of time,
resources, and technical expertise in understanding, de-
signing and evaluating backlight solutions for systems
designers. The design of an efficient and compact back-
light system is a study of compromise in a transduced
electronic system. Every aspect of the design is interre-
lated and any design change requires complete re-evalu-
ation for all other critical design parameters. Linear
Technology has engineered one of the most complete test
and evaluation setups for backlight designs and under-
stands the issues and trade-offs in achieving a compact,
efficient and economical customer solution. Linear Tech-
nology welcomes the opportunity to discuss, design,
evaluate, and optimize any backlight system with a cus-
tomer. For further information on backlight designs, con-
sult the references below.
References
1. Williams, Jim. November 1995. A Fourth Generation of
LCD Backlight Technology. Linear Technology Corpora-
tion, Application Note 65.
1768 F08
C1
D1
L1
T1
VIN
C2
*OPTIONAL
BOLD LINES INDICATE
HIGH CURRENT PATHS
LT1768
GATE
PGND
VIN
SENSE
Figure 8
Supply Bypass and Layout Considerations
Proper supply bypassing and layout techniques must be
used to insure proper regulation, avoid display flicker, and
insure long term reliability.
Figure 8 shows the application’s critical high current paths
in thick lines. Ideally, all components in the high current
path should be placed as close as possible and connected
with short thick traces. The most critical consideration is
that T1’s center tap, the Schottky diode D1, LT1768’s VIN
pin, and a low ESR capacitor (C1) be connected directly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com