| データシートサーチシステム |
|
LT1768IGN データシート(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1768IGN データシート(HTML) 12 Page - Linear Technology |
|
12 / 20 page ![]() LT1768 12 APPLICATIONS INFORMATION and is dependant on the operating mode. For dual lamp displays, the transfer function for minimum current mode (IDIO/IRMIN) is equal to 10A/A, and for maximum current mode (IDIO/IRMAX) is equal to 100A/A. The transfer functions discussed above are between RMAX and RMIN current and average lamp current not RMS lamp current. Due to the differences between the average and RMS functions, the actual overall transfer function be- tween actual lamp current and RMIN/RMAX current must be empirically determined, and is dependant on the particular lamp/display housing combination used. For example, in the circuit of Figure 1 setting RRMIN to 10kΩ and RRMAX to 16.8 Ω, sets the minimum and maximum RMS lamp currents for the example display to 1mA and 9mA per lamp respectively. Figure 4 shows the lamp current vs program- ming voltage for the circuit in Figure 1. RRMIN adjusted to produce the specified current. If a wide dimming range is desired, VPROG should be set to 0.75V and RRMIN adjusted to produce the required dimming ratio. Care must be taken when adjusting RRMIN to pro- duce extreme dimming ratios. The minimum lamp current set by RRMIN must be able to fully illuminate the lamp or thermometering (uneven illumination) will occur. If the desired dimming ratio can’t be achieved by adjusting RRMIN, the minimum lamp current can be set to zero by connecting the RMIN pin to the VREF pin. If the minimum current is set to less than the open lamp threshold current (approximately 125 µA), the FAULT pin will be activated for PROG voltages between 0.5V and 1V. The values chosen for RRMAX and RRMIN are extremely critical in determining the lifetime of the display. It is imperative that proper measurement techniques, such as those cited in the references, be used when determining RRMAX and RRMIN values. Lamp Fault Modes and Single Lamp Operation The DIO pin diodes that conduct on the positive cycle are used to detect open lamp fault conditions. If the current in either of the DIO pins on the positive half cycle is less than 125 µA due to either an open lamp or lamp lowside short to ground, for a minimum of 1 PWM cycle, then the FAULT pin will be activated and the lamp programming current into the VC pin in high level PWM mode, linear mode, and maximum current mode, will be reduced by approximately 50%. Halving the VC source current will cut the total lamp current to approximately one half of its programmed value. This function insures that the maxi- mum lamp current level set by RRMAX will not be exceeded even under fault conditions. If the current in both of the DIO pins on the positive cycle is less than 125 µA, and the VC pin hits its clamp value (indicating an open lamp or lamp lowside short to ground fault condition) for a mini- mum of 1 PWM cycle, the gate drive will be latched off. The latch can be cleared by setting the PROG voltage to zero or placing the LT1768 in shutdown mode. Since open lamp fault conditions produce high voltage AC waveforms, it is imperative that proper layout spacings between the high voltage and DIO lines be observed. Coupling capacitance as low as 0.5pF between the high Figure 4. Lamp Current vs PROG Voltage for the Circuit in Figure 1 Choosing RRMAX and RRMIN and VPWM The value for RRMAX should be determined by setting VPROG to 4.5V then adjusting RRMAX to produce the maximum allowable current specified by the lamp manu- facturer. The voltage for the PWM pin should then be set so that the LT1768 normally operates in linear mode. A typical value for VPWM is approximately 2.5V, which limits the PWM region to 50% of the VPROG input voltage range. The value for RRMIN should be chosen to either produce the minimum manufacturer specified lamp current or enable a wide dimming range. If a minimum specified current is desired, the VPROG should be set to 0.75V and VPROG(V) 1.0 0.5 5.0 4.0 3V (VPWM) MIN CURRENT PWM (FREQ = 220Hz) MAX CURRENT LINEAR 0% 100% OFF 9mA 6mA 0mA ICCFL (mA) 1768 F04 |