データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LUS5 データシート(PDF) 86 Page - STMicroelectronics

部品番号 ST7LUS5
部品情報  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 データシート(HTML) 86 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 82Page - STMicroelectronics ST7LUS5 Datasheet HTML 83Page - STMicroelectronics ST7LUS5 Datasheet HTML 84Page - STMicroelectronics ST7LUS5 Datasheet HTML 85Page - STMicroelectronics ST7LUS5 Datasheet HTML 86Page - STMicroelectronics ST7LUS5 Datasheet HTML 87Page - STMicroelectronics ST7LUS5 Datasheet HTML 88Page - STMicroelectronics ST7LUS5 Datasheet HTML 89Page - STMicroelectronics ST7LUS5 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
Instruction set
ST7LUS5, ST7LU05, ST7LU09
86/124
11.1.7
Relative mode (Direct, Indirect)
This addressing mode is used to modify the PC register value by adding an 8-bit signed
offset to it.
The relative addressing mode consists of two submodes:
Relative (direct)
The offset follows the opcode.
Relative (indirect)
The offset is defined in memory, of which the address follows the opcode.
11.2
Instruction groups
The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions
may be subdivided into 13 main groups as illustrated in the following Table 59:
Short instructions only
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Operations
SLL, SRL, SRA, RLC,
RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
Table 57.
Instructions supporting direct, indexed, indirect and indirect indexed
addressing modes (continued)
Type
Instruction
Function
Table 58.
Available relative direct/indirect instructions
Instruction
Function
JRxx
Conditional Jump
CALLR
Call Relative
Table 59.
Instruction groups
Group
Instructions
Load and Transfer
LD
CLR
Stack operation
PUSH
POP
RSP
Increment/Decrement
INC
DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More