データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM6620WS27 データシート(PDF) 43 Page - EM Microelectronic - MARIN SA

部品番号 EM6620WS27
部品情報  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMMICRO [EM Microelectronic - MARIN SA]
ホームページ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 データシート(HTML) 43 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 47Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
43
www.emmicroelectronic.com
15. Active Supply Current test
For this purpose, five instructions at the end of the ROM will be added. This will be done at EM Marin.
So the user must keep must only use up to 1275 Instructions.
Testloop:
STI
00H, 0AH
LDR
1BH
NXORX
JPZ
Testloop
JMP
00H
To stay in the testloop, these values must be written in the corresponding addresses before jumping in the
loop:
1BH:
0101b
32H:
1010b
6EH:
0010b
6FH:
0011b
Free space after last instruction: JMP 00H (0000)
Remark: empty space within the program are filled with NOP (FOFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56