| データシートサーチシステム |
|
HC05RC17GRS/D データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 128 page ![]() General Description General Release Specification MC68HC05RC17 — Rev. 2.0 General Description • Power-Saving Stop and Wait Modes • Mask Selectable Options: – COP Watchdog Timer – STOP Instruction Disable – Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger – Port B Pullups for Keyscan • Illegal Address Reset • ROM Security NOTE: A line over a signal name indicates an active-low signal. For example, RESET is active low. 1.4 Mask Options There are 11 total mask options on the MC68HC05RC17 including: • Eight Port B Pullups • IRQ Sensitivity • COP Enable/Disable • STOP Enable/Disable These are nonprogrammable options in that they are selected at the time of code submission (when masks are made). These options are: PB7PU — Port B7 Pullup/Interrupt This bit enables or disables the pullup/interrupt on port B, bit 7. 1 = Enables the pullup/interrupt 0 = Disables the pullup/interrupt PB6PU — Port B6 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 6. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |