| データシートサーチシステム |
|
HC05RC17GRS/D データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 128 page ![]() Memory General Release Specification MC68HC05RC17 — Rev. 2.0 Memory 2.3.1 ROM The user ROM consists of 15,920 bytes of ROM located from $0180 to $3FAF and 16 bytes of user vectors located from $3FF0 to $3FFF. The burn-in ROM is located from $3FB0 to $3FEF. Ten of the user vectors, $3FF6 through $3FFF, are dedicated to reset and interrupt vectors. The six remaining locations — $3FF0, $3FF1, $3FF2, $3FF3, $3FF4, and $3FF5 — are general-purpose user ROM locations. 2.3.2 ROM Security Security has been incorporated into the MC68HC05RC17 to prevent external viewing of the ROM contents. This feature helps ensure that customer-developed software remains proprietary.1 1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the ROM difficult for unauthorized users. $18 Reserved R R R R R R R R $19 Reserved R R R R R R R R $1A Reserved R R R R R R R R $1B Reserved R R R R R R R R $1C Reserved R R R R R R R R $1D Reserved R R R R R R R R $1E Reserved R R R R R R R R $1F Reserved R R R R R R R R R = Reserved Addr Register Name Bit 7 6 5 4 3 2 1 Bit 0 Figure 2-2. I/O Registers (Sheet 2 of 2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |