| データシートサーチシステム |
|
HC05RC17GRS/D データシート(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D データシート(HTML) 45 Page - NXP Semiconductors |
|
45 / 128 page ![]() Interrupts Core Timer Interrupt MC68HC05RC17 — Rev. 2.0 General Release Specification Interrupts 4.10 Core Timer Interrupt This timer can create two types of interrupts. A timer overflow interrupt occurs whenever the 8-bit timer rolls over from $FF to $00 and the enable bit TOFE is set. A real-time interrupt occurs whenever the programmed time elapses and the enable bit RTIE is set. Either of these interrupts vectors to the same interrupt service routine, located at the address specified by the contents of memory locations $3FF6 and $3FF7. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |