データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC05RC17GRS/D データシート(PDF) 25 Page - NXP Semiconductors

部品番号 HC05RC17GRS/D
部品情報  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D データシート(HTML) 25 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 28Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
General Description
Signal Description
MC68HC05RC17 — Rev. 2.0
General Release Specification
General Description
1.5.10 XFC
This pin provides a means for connecting an external filter capacitor to
the synthesizer phase-locked loop filter. (For additional information
concerning this capacitor, refer to Section 10. Phase-Locked Loop
(PLL) Synthesizer
.)
1.5.11 VDDSYN
This pin provides a separate power connection to the PLL synthesizer
which should be at the same potential as VDD.
NOTE:
Any unused inputs, I/O ports, and no connects should be tied to an
appropriate logic level (either VDD or VSS). Although the I/O ports of the
MC68HC05RC17 do not require termination, termination is
recommended to reduce the possibility of static damage.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More