データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC05RC17GRS/D データシート(PDF) 97 Page - NXP Semiconductors

部品番号 HC05RC17GRS/D
部品情報  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D データシート(HTML) 97 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 93Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 94Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 95Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 96Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 97Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 98Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 99Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 100Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Instruction Set
Instruction Types
MC68HC05RC17 — Rev. 2.0
General Release Specification
Instruction Set
11.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Freescale assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
11.4 Instruction Types
The MCU instructions fall into the following five categories:
• Register/Memory Instructions
• Read-Modify-Write Instructions
• Jump/Branch Instructions
• Bit Manipulation Instructions
• Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More