| データシートサーチシステム |
|
HC05RC17GRS/D データシート(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D データシート(HTML) 62 Page - NXP Semiconductors |
|
62 / 128 page ![]() Parallel Input/Output (I/O) General Release Specification MC68HC05RC17 — Rev. 2.0 Parallel Input/Output (I/O) Figure 7-2. I/O Circuitry Table 7-1. I/O Pin Functions R/W DDR I/O Pin Functions 00 The I/O pin is in input mode. Data is written into the output data latch. 0 1 Data is written into the output data latch and output to the I/O pin. 1 0 The state of the I/O pin is read. 1 1 The I/O pin is in an output mode. The output data latch is read. DATA DIRECTION REGISTER BIT I/O PIN INPUT REG BIT INPUT I/O OUTPUT INTERNAL HC05 CONNECTIONS LATCHED OUTPUT DATA BIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |