| データシートサーチシステム |
|
HC05RC17GRS/D データシート(PDF) 113 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D データシート(HTML) 113 Page - NXP Semiconductors |
|
113 / 128 page ![]() Electrical Specifications Operating Range MC68HC05RC17 — Rev. 2.0 General Release Specification Electrical Specifications 12.4 Operating Range 12.5 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range MC68HC05RC17 (Standard) TA TL to TH 0 to +70 °C Characteristic Symbol Value Unit Thermal Resistance Plastic Dual In-Line Package Small Outline Intergrated Circuit Package θJA 60 60 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |