| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 137 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 137 Page - NXP Semiconductors |
|
137 / 152 page ![]() Electrical Specifications Operating Range MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Electrical Specifications 137 17.4 Operating Range 17.5 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range MC68HC705CT4 (Standard) TA TL to TH 0 to +70 °C Characteristic Symbol Value Unit Thermal Resistance Plastic Dual In-Line Package θ JA 70 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |