| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 152 page ![]() MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Memory 25 General Release Specification — MC68HC705CT4 Section 2. Memory 2.1 Contents 2.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.3 Memory Map. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.4 Eraseable Programmable Read-Only Memory (EPROM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.5 Random-Access Memory (RAM) . . . . . . . . . . . . . . . . . . . . . . .26 2.2 Introduction This section describes the organization of the on-chip memory. The MC68HC705CT4 8-Kbyte memory map is shown in Figure 2-1 and the input/output (I/O) registers in Figure 2-2. 2.3 Memory Map The MC68HC705CT4 has an 8-Kbyte memory map consisting of user eraseable programmable read-only memory (EPROM), random-access memory (RAM), bootloader ROM, and I/O. 2.4 Eraseable Programmable Read-Only Memory (EPROM) The user EPROM consists of 5120 bytes of EPROM located from $0B00 to $1EFF and 16 bytes of user vectors located from $1FF0 to $1FFF. The bootloader ROM and vectors are located from $1F01 to $1FEF. Twelve of the user vectors, $1FF4–$1FFF, are dedicated to reset and interrupt vectors. The four remaining locations — $1FF0, $1FF1, $1FF2, Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |