| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 92 Page - NXP Semiconductors |
|
92 / 152 page ![]() Dual Phase-Locked Loop (PLL) General Release Specification MC68HC705CT4 — Rev. 2.0 92 Dual Phase-Locked Loop (PLL) MOTOROLA Figure 11-6. Counter Structure Block Diagram 11.4 PLL Power Supply Source The PLL is supplied by VDD, VDD2, VSS, and VSS2. VDD and VSS are reserved for the digital circuitry, while VDD2 and VSS2 are reserved for the analog circuitry such as the phase detect and the amplifiers which are sensitive to supply noise. MCU INTERNAL BUS MSB LSB MODULUS COUNTER NOTE: Not available for the 12-bit reference counter. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |