| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 41 Page - NXP Semiconductors |
|
41 / 152 page ![]() Interrupts Core Timer Interrupt MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Interrupts 41 4.11 Core Timer Interrupt This timer can create two types of interrupts. A timer overflow interrupt occurs whenever the 8-bit timer rolls over from $FF to $00 and the enable bit TOFE is set. A real-time interrupt occurs whenever the programmed time elapses and the enable bit RTIE is set. Either of these interrupts vector to the same interrupt service routine, located at the address specified by the contents of memory locations $1FF4 and $1FF5. 4.12 Comparator 3 Interrupt Comparator 3 can create an interrupt when its output (CMP3) gets set and the enable bit CM3IE is set. The interrupt service routine is located at the address specified by the contents of memory locations $1FFA and $1FFB. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |