| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 27 Page - NXP Semiconductors |
|
27 / 152 page ![]() Memory Random-Access Memory (RAM) MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Memory 27 Figure 2-1. MC68HC705CT4 8-K Memory Map I/O 35 Bytes RAM 208 Bytes Stack 64 Bytes Unused 2512 Bytes User EPROM 5120 Bytes EPROM User Vectors 16 Bytes $0000 $0022 $0023 $00C0 $00FF $0AFF $0B00 $1FEF $1FF0 $1FFF Ports 8 Bytes Core Timer 2 Bytes Timer 10 Bytes PLL 8 Bytes Reserved Port A Data Register Port B Data Register Port C Data Register Port D Data Register Port A Data Direction Register Port B Data Direction Register Port C Data Direction Register Port D Data Direction Register Core Timer Control/Status Register SSI Control Register SSI Data Register Core Timer Counter Register PLL Control Register Tx PLL MSB Tx PLL LSB Rx PLL MSB Rx PLL LSB EPROM Programming Register Timer Control Register Timer Status Register Input Capture MSB Input Capture LSB Output Compare MSB Output Compare LSB Counter MSB Counter LSB Alternate Counter MSB Alternate Counter LSB SSI Status Register PLL Ref. Counter MSB PLL Ref. Counter LSB Reserved EPROM Programming 1 Byte $00 $01 $02 $03 $04 $05 $06 $07 $08 $09 $0A $0B $0C $0D $0E $0F $10 $11 $12 $13 $14 $15 $16 $17 $18 $19 $1A $1B $1C $1D $1E $1F $0000 SSI 3 Bytes $1EFF $1F00 Boot ROM 240 Bytes $0130 RAM 48 Bytes Reserved 13 Bytes $0030 PWM Data Register Comparator Control/Status Register $20 $21 $22 Miscellaneous $0022 PWM 1 Byte 1 Byte Miscellaneous Register Comparators 1 Byte $002F $0100 $012F $1F01 Mask Option Register Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |