| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 90 Page - NXP Semiconductors |
|
90 / 152 page ![]() Dual Phase-Locked Loop (PLL) General Release Specification MC68HC705CT4 — Rev. 2.0 90 Dual Phase-Locked Loop (PLL) MOTOROLA 11.3.3 16-Bit Transmit Counter Modulus Register This 2-byte register holds the count for the 16-bit transmit counter. The transmit counter is shut off and held in reset when the TXON bit is cleared. For proper operation, this register must not be loaded with a value less than $000F. Address: $000D Bit 7 654321 Bit 0 Read: PLLTX15 PLLTX14 PLLTX13 PLLTX12 PLLTX11 PLLTX10 PLLTX9 PLLTX8 Write: Reset: 00000000 Address: $000E Bit 7 654321 Bit 0 Read: PLLTX7 PLLTX6 PLLTX5 PLLTX4 PLLTX3 PLLTX2 PLLTX1 PLLTX0 Write: Reset: 00000000 Figure 11-4. 16-Bit Transmit Counter (PLLTX) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |