| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 52 Page - NXP Semiconductors |
|
52 / 152 page ![]() Operating Modes General Release Specification MC68HC705CT4 — Rev. 2.0 52 Operating Modes MOTOROLA 6.5.3 Wait Mode The WAIT instruction places the MCU in a low power-consumption mode, but the wait mode consumes more power than the stop mode. All CPU action is suspended, but the core timer, the oscillator, and any enabled module remain active. Any interrupt or reset will cause the MCU to exit the wait mode. The user must shut off subsystems to reduce power consumption. WAIT current specifications assume CPU operation only and do not include current consumption by any other subsystems. Figure 6-2. Stop Recovery Timing Diagram 1FFE 1FFE 1FFE 1FFE 1FFF INTERNAL ADDRESS BUS INTERNAL CLOCK IRQ/VPP 3 IRQ/VPP 2 RESET OSC1 1 t ILCH 4064 tcyc RESET OR INTERRUPT VECTOR FETCH t LIH t RL NOTES: 1. Represents the internal gating of the OSC1 pin 2. IRQ/VPP pin edge-sensitive mask option 3. IRQ/VPP pin level- and edge-sensitive mask option Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |