| データシートサーチシステム |
|
HC705CT4GRS/D データシート(PDF) 143 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D データシート(HTML) 143 Page - NXP Semiconductors |
|
143 / 152 page ![]() MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Mechanical Specifications 143 General Release Specification — MC68HC705CT4 Section 18. Mechanical Specifications 18.1 Contents 18.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .143 18.3 44-Lead Plastic-Leaded Chip Carrier (Case 777-02) . . . . . . .144 18.4 44-Lead Quad Flat Pack (Case 824A-01) . . . . . . . . . . . . . . .145 18.2 Introduction The MC68HC705CT4 is available in a 44-pin plastic-leaded chip carrier (PLCC) and a 44-pin quad flat pack (QFP). Package dimensions are provided in this section. The following figures show the latest package information at the time of this publication. To make sure that you have the latest package specifications, contact one of the following: • Local Motorola Sales Office • Motorola Fax Back System (Mfax™) – Phone 1-602-244-6609 – EMAIL RMFAX0@email.sps.mot.com; http://sps.motorola.com/mfax/ • Worldwide Web (wwweb) home page at http://motorola.com/sps/ Follow Mfax or wwweb on-line instructions to retrieve the current mechanical specifications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |