| データシートサーチシステム |
|
MPC604EC/D データシート(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604EC/D データシート(HTML) 15 Page - NXP Semiconductors |
|
15 / 32 page ![]() 604 Hardware Specifications 15 Preliminary/Subject to Change without Notice DPE 274 Low Output DRTRY 197 Low Input DRVMOD0–DRVMOD1 2 301, 300 High Input GBL 2 Low I/O GND 5, 13, 21, 29, 37, 44, 52, 60, 68, 76, 153, 161, 169, 177, 185, 192, 200, 208, 216, 224, 257, 291 —— HALTED 269 High Output HRESET 265 Low Input INT 234 Low Input L1_TSTCLK 1 255 Low Input L2_INT 273 High Input L2_TSTCLK 1 254 Low Input LSSD_MODE 1 256 Low Input MCP 232 Low Input OGND 3, 11, 19, 27, 39, 46, 54, 62, 70, 78, 85, 90, 95, 99, 104, 109, 113, 118, 123, 127, 132, 137, 141, 146, 151, 159, 167, 175, 183, 190, 202, 210, 218, 226, 235, 240, 247, 268, 275, 279, 284, 289, 296 —— OVDD 3 7, 15, 23, 31, 43, 50, 58, 66, 74, 80, 83, 88, 92, 97, 102, 106, 111, 116, 120, 125, 130, 134, 139, 144, 149, 155, 163, 171, 179, 186, 198, 206, 214, 222, 230, 237, 244, 249, 272, 277, 282, 286, 293, 298, 303 —— PLL_CFG0–PLL_CFG3 264, 262, 261, 259 High Input RSRV 297 Low Output RUN 270 High Input SHD 40 Low I/O SMI 233 Low Input SRESET 236 Low Input SYSCLK 263 — Input TA 195 Low Input TBEN 299 High Input TBST 241 Low I/O TC0–TC2 285, 283, 281 High Output Table 9. Pinout Listing for the C4-CQFP Package (Continued) Signal Name Pin Number Active I/O Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |