| データシートサーチシステム |
|
WM8772SEDS/V データシート(PDF) 37 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8772SEDS/V データシート(HTML) 37 Page - Wolfson Microelectronics plc |
|
37 / 73 page ![]() Production Data WM8772EDS – 28 LEAD SSOP w PD Rev 4.2 October 2005 37 DAC DIGITAL VOLUME CONTROL The DAC volume may also be adjusted in the digital domain using independent digital attenuation control registers REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 7:0 LDA1[7:0] 11111111 (0dB) Digital Attenuation data for Left channel DACL1 in 0.5dB steps. See Table 11 0000000 Digital Attenuation DACL1 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store LDA1 in intermediate latch (no change to output) 1: Store LDA1 and update attenuation on all channels 7:0 RDA1[6:0] 11111111 (0dB) Digital Attenuation data for Right channel DACR1 in 0.5dB steps. See Table 11 0000001 Digital Attenuation DACR1 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store RDA1 in intermediate latch (no change to output) 1: Store RDA1 and update attenuation on all channels. 7:0 LDA2[7:0] 11111111 (0dB) Digital Attenuation data for Left channel DACL2 in 0.5dB steps. See Table 11 0000100 Digital Attenuation DACL2 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store LDA2 in intermediate latch (no change to output) 1: Store LDA2 and update attenuation on all channels. 7:0 RDA2[7:0] 11111111 (0dB) Digital Attenuation data for Right channel DACR2 in 0.5dB steps. See Table 11 0000101 Digital Attenuation DACR2 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store RDA2 in intermediate latch (no change to output) 1: Store RDA2 and update attenuation on all channels. 7:0 LDA3[7:0] 11111111 (0dB) Digital Attenuation data for Left channel DACL3 in 0.5dB steps. See Table 11 0000110 Digital Attenuation DACL3 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store LDA3 in intermediate latch (no change to output) 1: Store LDA3 and update attenuation on all channels. 7:0 RDA3[7:0] 11111111 (0dB) Digital Attenuation data for Right channel DACR3 in 0.5dB steps. See Table 11 0000111 Digital Attenuation DACR3 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store RDA3 in intermediate latch (no change to output) 1: Store RDA3 and update attenuation on all channels. 7:0 MASTDA [7:0] 11111111 (0dB) Digital Attenuation data for all DAC channels in 0.5dB steps. See Table 11 0001000 Master Digital Attenuation (all channels) 8 UPDATE Not latched Controls simultaneous update of all Attenuation Latches 0: Store gain in intermediate latch (no change to output) 1: Store gain and update attenuation on all channels. L/RDAX[7:0] ATTENUATION LEVEL 00(hex) - ∞ dB (mute) 01(hex) -127dB : : : : : : FE(hex) -0.5dB FF(hex) 0dB Table 11 Digital Volume Control Attenuation Levels |