データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 14 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 14 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
FF
FF
REF
AC
M IN S
R
G
V
=
R
4
L P
f
p
VAC
LM3447
VCC
FF
INV
COMP
GATE
+
INPUT
FEEDFORWARD
I
FF = IVAC / 10
INTERNAL
REGULATORS
REFERENCE
GENERATOR
CTRL
RAMP
PWM
RAC
RFF
CFF
CCOMP
CVCC
RSN
QSW
PRI
NP
LOGIC
&
CONTROL
S
Q
Q
R
VAL
VAL
Rectified AC Line
VREC(t)
LM
GND
,
2
OUT (AVG)
IN (AVG)
IN (RM S)
LED (AVG)
FLY
F LY
OUT
OUT
OUT
e
P
P
V
I
=
= η
= η
V
V
V
R
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
(7)
The LED current will have a ripple component varying at twice line frequency due to the PFC operation. The
magnitude of the ripple component is based on the energy storage capacitor connected in parallel with the LED
string at the output of Flyback PFC. In typical application, a low voltage aluminum electrolytic bulk capacitor is
used as an energy storage device and is connected across the LED string to limit the ripple current within an
acceptable range.
INPUT POWER REGULATION AND INPUT VOLTAGE FEEDFORWARD CONTROL
Using the LM3447, it is possible to regulate the LED current by implementing a control scheme using the duty
cycle, D, as the control variable. The duty cycle is generated using an internal GM error-amplifier and a fixed
frequency, triggered ramp generator, as shown in Figure 23. This technique should not be confused with other
current mode control schemes where switch current, ISW, is used for control.
With the LM3447, LED current can be directly controlled using a series sense resistor and a conventional closed-
loop feedback control scheme. Typically, for systems that need galvanic isolation between primary and
secondary sides of the transformer, feedback control is complicated and expensive as it requires an additional
signal processing amplifier and an opto-isolator. For improved luminous efficacy and simplicity, the LM3447
incorporates an innovative primary side input power regulation scheme based on input voltage feedforward
control techniques. By commanding input power, the DCM Flyback PFC output is matched with the LED load
characteristics to achieve indirect control of LED string current. The feedforward loop, consisting of input voltage
sensing circuitry, the GM error amplifier and PWM comparator, is able to reject any input voltage disturbance by
adjusting the duty cycle, thus achieving tight line regulation.
Figure 23. Feedforward Control Circuit
The reference power level, PIN, for the LM3447, is set choosing resistors, RFF and RAC, based on the
magnetizing inductance, LM, the internal reference voltage, VREF, the switching frequency, fS and the feedforward
gain, GFF, such that
(8)
The feedforward gain, GFF = IVAC/IFF = 10 and internal reference voltage VREF = 1 V.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com