データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 22 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 22 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
A
S
A
OUT
VCC
N
=
N , where N
is the auxiliary winding turns
V
,
IN S
P(PK,MAX)
M
P T
I
= 2
L
RE F
M
2
I N S
OUT
RE C(P K ,M IN)
V
L
,
1
1
4P
+
nV
V
£
æ
ö
ç
÷
è
ø
f
,
REC(P K, MI N)
M A X
MA X
OUT
V
D
n =
1
D
V
-
OUT LED
IN
FLY
V
I
P
=
η
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
DESIGN PROCEDURE
(1) (2)
STEP
VARIABLE
DESCRIPTION
1
PIN
where
VOUT = VLED = Typical LED string voltage,
ILED is the average LED current,
ηTOT = ηEMI × ηFLY,
ηTOT is the LED driver efficiency, ηEMI is the EMI input filter efficiency and ηFLY is the Flyback PFC efficiency.
2
DMAX
0.4 < DMAX < 0.5
where
DMAX is the maximum allowable Flyback PFC duty cycle
3
n:1
VSW = nVOUT + VREC(PK,MAX) + VOS and VSW < Maximum FET (Q1) breakdown voltage.
where
n is the transformer turns-ratio,
VREC(PK,MIN) is the minimum peak rectified input voltage,
VREC(PK,MAX) is the maximum peak rectified input voltage,
VIN(RMS,MIN) is the minimum input RMS voltage,
VIN(RMS,MAX) is the maximum input RMS voltage,
VSW is the switch drain to source voltage,
VOS is the overshoot voltage because of leakage inductance.
4
LM
where
VREF is the internal reference voltage; VREF = 1V,
fS is the fixed switching frequency; fS = 70 kHz.
5
IP(PK,MAX)
where
TS is the switching period, TS = 1/fS
8
NP, NA, NS
Transformer Design
Core geometry (EE, PQ, RM)
Bobbin (UL Class B or Class F)
LM is the magnetizing inductance referred to primary side
n:1 = NP:NS, primary to secondary winding turns-ratio
BMAX < 0.3T, where BMAX is the maximum operating flux density corresponding to IP(PK,MAX)
(1)
See the Electrical Characteristics Table for all constants and measured values, unless otherwise noted.
(2)
See Figure 18 for all component locations in the Design Procedure Table.
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com