データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 24 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 24 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
,
I N
B ULK
L
LE D
OUT LED(RI P)
P
C
2
R
V
I
£
f
p
,
o
NTC(BK)
NTC(T )
BK
o
R
R
=
1
1
exp β
T
T
-
é æ
ö ù
ç
÷
ê
ú
ë è
ø û
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
STEP
VARIABLE
DESCRIPTION
16
RNTC
where,
RNTC(BK) = 10.5 kΩ, is the fixed break point resistance,
TBK is the break point temperature in Kelvin,
TO is the room temperature in Kelvin,
RNTC(To) is the manufacturer specified NTC resistance at room temperature,
β is the NTC resistor characteristics specified by the manufacturer.
17
CBULK, RO
where,
ILED(RIP) is the average to peak magnitude of twice the line frequency current ripple through LED,
RLED is the dynamic resistance of the LED string,
fL is the line frequency
RO = 20 kΩ, is the recommended bleeder resistance
Spacer
REVISION HISTORY
Changes from Original (April 2012) to Revision A
Page
Changed the device From: Product Preview To: Production ...................................................................................... 1
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com