データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 19 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 19 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
.
GS( PASS)
H OLD
H LD1
H LD2
13.5
V
I
=
(R
+ R
)
-
.
-6
HOLD(TH)
AC VAC(HOLD)
AC
V
= R
I
= 95
10 R
´
VFLT2
1.2V
1V
VFLT1
ENHOLD
IHOLD
1.75V
VREC
VHOLD(TH)
VADET(TH)
t
t
t
t
t
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
HOLD CURRENT CIRCUIT
The LM3447 incorporates an efficient hold current circuit to enhance compatibility with TRIAC based leading
edge dimmers. Holding current from an external dimmer is drawn before the Flyback PFC circuit through the
pass transistor, QPASS and limited by resistors RHLD1 and RHLD2, as shown in Figure 27. It should be noted that
the additional current drawn has no effect on the rectified input voltage and therefore does not interfere with the
input power regulation control scheme.
Figure 28. Angle Detection Circuit and Hold Current Circuit Operation
To provide high efficiency, the hold circuit is enabled only when the presence of an external dimmer is detected
based on the FLT2 input. The ENHOLD signal is asserted and hold operation is permitted when VFLT2 falls below
1V. The hold operation is halted when VFLT2 rises above 1.2V. During dimming, the hold current is drawn during
the interval when rectified input voltage is below the VHOLD(TH), based on the external resistor RAC. The FET turn-
on is controlled by an internal comparator with a reference of 400mV (higher than angle detect reference), such
that hold current is always asserted before angle detect threshold VADET(TH). The hold circuit operation is
summarized in Figure 28. The hold trun-on threshold, VHOLD(TH) is given by
(16)
The hold current is based on the BIAS voltage and set by the sum of resistors RHLD1 and RHLD2,
(17)
In selecting the hold current level, it is critical to consider its impact on the average power dissipation and the
operating junction temperature of pass transistor, QPASS under worst case operating conditions. The current
should be limited to a safe value based on the pass transistor specifications or the ABS MAX rating of LM3447
(70mA). For best performance, it is recommended to set the hold current magnitude between 5mA and 20mA. A
capacitor, CHLD of 2.2μF to 10μF, from RHLD2 to GND is connected to limit the rate of change of input current
(diin/dt) caused by the step insertion of holding current. This prevents TRIAC based dimmers from misfiring at low
dimming level.
ANGLE DECODING CIRCUIT AND DIMMING
The LM3447 incorporates a linear decoding circuit that translates the sensed conduction angle into an internal
dimming command, VDIM. The conduction angle information, represented by the PWM signal at FLT1 output, is
processed by an external low pass filter consisting of resistor, RFLT and capacitor, CFLT, which attenuates the
twice line frequency component from the signal. The resulting analog signal at FLT2 is converted into the
dimming command by a linear analog processing circuit. The piecewise linear relationship between the FLT2
input and the dimming command is shown graphically in Figure 29.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com