データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 17 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 17 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
,
IN S
P(PK, MAX)
M
P T
I
= 2
L
+
±
+
±
CBULK
RO
PRI
SEC
NP
NS
n:1
ISNS
GND
CPFC
QSW
GATE
LEB
+
275mV
S
Q
Q
R
170ns
812ms
FAULT
TIMER
LOGIC
&
CONTROL
RSN
LM3447
OCP
,
AUX2
AUX1
A
OUT(OVP)
S
1.75
R
=
R
N
V
1.75
N
æ
ö
ç
÷
ç
÷
ç
÷
-
ç
÷
è
ø
R EC(PK ,MAX)
A
AUX1
- 6
P
V
N
R
=
,
N
200
10
´
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
(11)
Resistor RAUX2 is then selected to set the desired output overvoltage threshold, VOUT(OVP) based on the
secondary to auxiliary turns-ratio
(12)
It is necessary to select the transformer’s secondary to auxiliary turns-ratio (NA/NS) to ensure that VAUX(OVP) is
tripped before VCC(OVP).
CURRENT SENSE AND OVERCURRENT PROTECTION
Figure 26. Current Sense Circuit
The LM3447 provides switch overcurrent and LED short circuit protection by sensing the current through the
switching transistor, QSW via a series connected sense resistor, RSN, as shown in Figure 26. At the beginning of
each switching cycle, the Leading Edge Blanking (LEB) circuit pulls the ISNS input low for approximately 170ns.
This prevents false tripping of the protection circuit due to voltage spikes caused by switch turn on transients.
The cycle-by-cycle current limit is realized by comparing the sensed voltage at ISNS with the internal 275mV
overcurrent protection threshold. When the sense voltage exceeds 275mV, the switch is immediately turned off
for a duration of 812ms, set by the fault timer and the COMP capacitor, CCOMP is discharged. Under fault
conditions, the LM3447 enters a hiccup mode, attempting to restart the circuit after a duration of 812ms. Upon
clearance of the fault, normal operation resumes.
The overcurrent limit is set by selecting the sense resistor, RSN. It is typical to limit the switch current to two times
the maximum peak primary current, IP(PK,MAX), where
(13)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com