データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 12 Page - Texas Instruments

部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 12 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
11
VCC
OVP
8
LM3447
VCC
GND
AUX
NA
RDAMP
CVCC
10
GATE
S
Q
Q
R
FAULT
TIMER
(812ms)
LOGIC & CONTROL
VREC
VBIAS
VCC
10.5V
7.5V
17.7V
13.5V
VOUT
t1
t2
t3
t4
time
t5
t0
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
Figure 20. Typical Waveforms and Start-up Sequence Under Dimming Conditions
The value of capacitor CVCC is critical design parameter as it determines VCC ripple voltage during dimming
operation. A X7R ceramic capacitor with value ranging from 22
μF to 47μF and 25V voltage rating is
recommended for CVCC as trade-off between size and performance in space constraint applications. At low
dimming levels, large VCC voltage ripple and QPASS threshold voltage variations can intefere with smooth
dimming performance. An external zener doide, DZBS, can be placed in series with BIAS to boost VCC voltage
and eliminate any observable dimming discontinuities. A low power zener diode ( 200mW) with reverse
breakdown voltage ranging from 1.8V to 4.5V is recommended for most dimming application.
VCC OVERVOLTAGE PROTECTION
Figure 21. VCC Overvoltage Protection Circuit
The LM3447 has a built-in overvoltage protection (OVP) mode to protect VCC from exceeding its ABS MAX
rating under fault conditions. The VCC voltage is monitored by a comparator with a rising threshold of 18.9V and
175mV of hysteresis. Upon detecting an overvoltage condition, GATE is pulled low for duration of 812ms,
determined by the internal fault timer. On clearance of the fault, the timer is disabled and normal device
operation resumes. An optional damping resistor, RDAMP in series with the auxiliary winding can be used to
prevent transformer leakage current from peak charging CVCC and false triggering the OVP circuit. Based on the
magnitude of leakage inductance a resistor of 10
Ω to 47Ω should provide proper damping.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com