| データシートサーチシステム |
|
ADS5294IPFPR データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR データシート(HTML) 20 Page - Texas Instruments |
|
20 / 82 page ![]() Frame Clock FCLK Freq = fCLKIN/2 Input Clock CLKIN Freq = fCLKIN D13 (D0) Data bit in MSB First mode Data bit in LSB First mode Bit Clock DCLK Freq = 3.5 x fCLKIN Output Data CHnOUT B Data rate = 7 x fCLKIN tPROP T Input Signal ta Sample N Sample N+td td cycles latency D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) SAMPLE N-td Sample N+td+1 ta Output Data CHnOUT A Data rate = 7 x fCLKIN D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) D13 (D0) D12 (D1) D6 (D7) D5 (D8) D8 (D5) D1 (D12) D7 (D6) D0 (D13) SAMPLE N-1 SAMPLE N SAMPLE N+1 D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) D13 (D0) D12 (D1) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D6 (D7) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D7 (D6) D0 (D13) Sample N-1 ADS5294 SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 www.ti.com 20 Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Figure 5. 14-Bit 2-Wire LVDS Timing Diagram |