| データシートサーチシステム |
|
ADS5294IPFPR データシート(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR データシート(HTML) 45 Page - Texas Instruments |
|
45 / 82 page ![]() ADS5294 www.ti.com SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 45 Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Register Maps (continued) Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued) ADDR. (HEX) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME DESCRIPTION 55 1 X X X X MAP_Ch5678_to_OUT8B OUT8B Pin pair to channel data mapping selection 1 X X X X MAP_Ch5678_to_OUT8A OUT8A Pin pair to channel data mapping selection F0 X EN_EXT_REF 1: Enable external reference mode. the voltage reference can be applied on either REFP and REFB pins or VCM pin. 0: Default: internal reference mode. |