データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99UDL01 データシート(PDF) 74 Page - STMicroelectronics

部品番号 L99UDL01
部品情報  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 データシート(HTML) 74 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 70Page - STMicroelectronics L99UDL01 Datasheet HTML 71Page - STMicroelectronics L99UDL01 Datasheet HTML 72Page - STMicroelectronics L99UDL01 Datasheet HTML 73Page - STMicroelectronics L99UDL01 Datasheet HTML 74Page - STMicroelectronics L99UDL01 Datasheet HTML 75Page - STMicroelectronics L99UDL01 Datasheet HTML 76Page - STMicroelectronics L99UDL01 Datasheet HTML 77Page - STMicroelectronics L99UDL01 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Programmers guide
L99UDL01
74/88
DS12511 Rev 5
Register 09H (Spare control register-unused)
6.3
SPI diagnostic registers
Fault indications will not be cleared unless asked to do so by op-code. It is recommended, if
a read and clear operation is performed, that all bits in the diagnostic register be cleared.
Otherwise there could be confusion as to the reported fault.
6.3.1
Global Status byte
This byte consists of 8 bits. This information is returned while the command byte is sent.
Figure 25. 09 H spare control register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
001001
Reserved
Default Values
0000000000
00000
X
Table 50. 09H register bit description
Bit No.
Function
Level
15
Reserved
—
14
Reserved
—
13
Reserved
—
12
Reserved
—
11
Reserved
—
10
Reserved
—
9
Reserved
—
8
Reserved
—
7
Reserved
—
6
Reserved
—
5
Reserved
—
4
Reserved
—
3
Reserved
—
2
Reserved
—
1
Reserved
—
0 LSB
Parity
Parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88