データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6624P0LP データシート(PDF) 52 Page - STMicroelectronics

部品番号 VS6624P0LP
部品情報  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP データシート(HTML) 52 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 48Page - STMicroelectronics VS6624P0LP Datasheet HTML 49Page - STMicroelectronics VS6624P0LP Datasheet HTML 50Page - STMicroelectronics VS6624P0LP Datasheet HTML 51Page - STMicroelectronics VS6624P0LP Datasheet HTML 52Page - STMicroelectronics VS6624P0LP Datasheet HTML 53Page - STMicroelectronics VS6624P0LP Datasheet HTML 54Page - STMicroelectronics VS6624P0LP Datasheet HTML 55Page - STMicroelectronics VS6624P0LP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
Register map
VL6624/VS6624
52/106
0x039c
bPanControl0
Default value
<0> Pan_Disable
Purpose
control pandisable, pan right, pan left, pan up, pan down
Type
C
Possible values
<0> Pan_Disable
<1> Pan_Right
<2> Pan_Left
<3> Pan_Down
<4> Pan_Up
0x039e
bCropControl0
Default value
<1> Crop_auto
Purpose
Select cropping manual or auto
Type
C
Possible values
<0> Crop_manual
<1> Crop_auto
0x03a1(MSB)
0x03a2(LSB)
uwManualCropHorizontalStart0
Default value
0x00
Purpose
Set the cropping H start address
Type
UINT16
0x03a5(MSB)
0x03a6(LSB)
uwManualCropHorizontalSize0
Default value
0x00
Purpose
Set the cropping H size
Type
UINT16
0x03a9(MSB)
0x03aa(LSB)
uwManualCropVerticalStart0
Default value
0x00
Purpose
Set the cropping Vstart address
Type
UINT16
0x03ad(MSB)
0x03ae(LSB)
uwManualCropVerticalSize0
Default value
0x00
Purpose
Set the cropping Vsize
Type
UINT16
Table 13.
Pipe setup bank0
Index
PipeSetupBank0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More