| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 106 page ![]() Register map VL6624/VS6624 56/106 0x0412 bZoomControl1 Default value <0> ZoomStop Purpose control zoom in, zoom out, zoom stop Type CODED Possible values <0> ZoomStop <1> ZoomStart_In <2> ZoomStart_Out 0x0415(MSB) 0x0416(LSB) uwPanSteplHSize1 Default value 0x00 Purpose Set the pan H step Type UINT16 0x0419(MSB) 0x041a(LSB) uwPanStepVSize1 Default value 0x00 Purpose Set the PanV step Type UINT16 0x041c bPanControl1 Default value <0> Pan_Disable Purpose control pandisable, pan right, pan left, pan up, pan down Type C Possible values <0> Pan_Disable <1> Pan_Right <2> Pan_Left <3> Pan_Down <4> Pan_Up 0x041e bCropControl1 Default value <1> Crop_auto Purpose Select cropping manual or auto Type C Possible values <0> Crop_manual <1> Crop_auto 0x0421(MSB) 0x0422(LSB) uwManualCropHorizontalStart1 Default value 0x00 Purpose Set the cropping H start address Type UINT16 Table 14. Pipe setup bank1 Index PipeSetupBank1(1) |