| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 106 page ![]() Operational modes VL6624/VS6624 16/106 4.2 Mode transitions Transitions between operating modes are normally controlled by the host by writing to the Host interface manager control register. Some transitions can occur automatically after a time out. If there is no activity in the Pause state then an automatic transition to the Stop state occurs. This functionality is controlled by the Power management register, writing 0xFF disables the automatic transition to Stop. The users control allows a transition between Stop and Run, at the state level the system will transition through a Pause state. |